| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD703003 Fiches technique(PDF) 18 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD703003 Fiches technique(HTML) 18 Page - NEC |
|
18 / 82 page ![]() µPD703003 18 Data Sheet U12261EJ2V1DS00 6. INTERRUPT/EXCEPTION HANDLING FUNCTIONS The features of the interrupt/exception handling functions are shown below. • Interrupts • Nonmaskable interrupt: 1 source • Maskable interrupt: 32 sources • 8-level programmable priority control • Multiple interrupt control based on priority levels • Mask specification for each maskable interrupt request • Noise elimination, edge detection, and valid edge specification for external interrupt requests • Exceptions • Software exceptions: 32 sources • Exception trap: 1 source (invalid instruction code exception) The configuration of the interrupt/exception handling functions is shown below. Figure 6-1. Block Diagram of Maskable Interrupt RPU INTM1 INTM2 INTM3 INTM4 SIO INTCSI0 INTOV11 Internal bus XXMKn (interrupt mask flag) ISPR Handler address generator CPU PSW ID Interrupt request Interrupt request acknowledge HALT mode release signal 70 OVIF11 OVIF12 OVIF13 OVIF14 P11IF0 P11IF1 P11IF2 P11IF3 P12IF0 P12IF1 P12IF2 P12IF3 P13IF0 P13IF1 P13IF2 P13IF3 P14IF0 P14IF1 P14IF2 P14IF3 CSIF0 CSIF1 CSIF2 CSIF3 SEIF0 SRIF0 STIF0 SEIF1 SRIF1 STIF1 ADIF CMIF4 INTOV12 INTOV13 INTOV14 INTP110/INTCC110 INTP111/INTCC111 INTP112/INTCC112 INTP113/INTCC113 INTP120/INTCC120 INTP121/INTCC121 INTP122/INTCC122 INTP123/INTCC123 INTP130/INTCC130 INTP131/INTCC131 INTP132/INTCC132 INTP133/INTCC133 INTP140/INTCC140 INTP141/INTCC141 INTP142/INTCC142 INTP143/INTCC143 INTCM4 INTAD INTCSI1 INTCSI2 INTCSI3 INTSER0 INTSR0 INTST0 INTSER1 INTSR1 INTST1 A/D converter INTP110 INTP111 INTP112 INTP113 INTP120 INTP121 INTP122 INTP123 INTP130 INTP131 INTP132 INTP133 INTP140 INTP141 INTP142 INTP143 XX: Name of peripheral unit (OV, P11 to P14, CM, CS, SE, SR, ST, AD) n: Peripheral unit number (if none exists, then 0 to 4 or 11 to 14) |