| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD703003 Fiches technique(PDF) 28 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD703003 Fiches technique(HTML) 28 Page - NEC |
|
28 / 82 page ![]() µPD703003 28 Data Sheet U12261EJ2V1DS00 9.3 Baud Rate Generators 0 to 2 (BRG0 to BRG2) The features of the baud rate generators 0 to 2 (BRG0 to BRG2) are shown below. • Serial clock can be selected via baud rate generator output and φ (internal system clock) • Identical baud rates during transmission and reception The configuration of the baud rate generators 0 to 2 (BRG0 to BRG2) is shown below. Figure 9-3. Block Diagram of Baud Rate Generators 0 to 2 (BRG0 to BRG2) Baud rate generator 0 Baud rate generator 1 Baud rate generator 2 1 2 Prescaler TMBRG0 Clear BRG0 Match BPRM0 UART0 CSI0 UART1 CSI1 CSI2 CSI3 φ |