Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD703003 Fiches technique(PDF) 16 Page - NEC

No de pièce UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD703003 Fiches technique(HTML) 16 Page - NEC

Back Button UPD703003 Datasheet HTML 12Page - NEC UPD703003 Datasheet HTML 13Page - NEC UPD703003 Datasheet HTML 14Page - NEC UPD703003 Datasheet HTML 15Page - NEC UPD703003 Datasheet HTML 16Page - NEC UPD703003 Datasheet HTML 17Page - NEC UPD703003 Datasheet HTML 18Page - NEC UPD703003 Datasheet HTML 19Page - NEC UPD703003 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
µPD703003
16
Data Sheet U12261EJ2V1DS00
4. CPU FUNCTIONS
The CPU employs a RISC-based architecture and uses five-stage pipeline control to enable single-clock execution
of almost all instructions.
The features of the CPU functions are shown below.
• Minimum instruction execution time
30 ns (during internal 33-MHz operation)
• Address space: 16-Mbyte linear
• General registers: 32 bits
× 32 registers
• Internal 32-bit architecture
• 5-stage pipeline control
• Multiply/divide instructions
• Saturated operation instructions
• 32-bit shift instruction: 1 clock
• Long/short format
• Four types of bit manipulation instructions
• Set
• Clear
• Not
• Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82