Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD703003 Fiches technique(PDF) 32 Page - NEC

No de pièce UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD703003 Fiches technique(HTML) 32 Page - NEC

Back Button UPD703003 Datasheet HTML 28Page - NEC UPD703003 Datasheet HTML 29Page - NEC UPD703003 Datasheet HTML 30Page - NEC UPD703003 Datasheet HTML 31Page - NEC UPD703003 Datasheet HTML 32Page - NEC UPD703003 Datasheet HTML 33Page - NEC UPD703003 Datasheet HTML 34Page - NEC UPD703003 Datasheet HTML 35Page - NEC UPD703003 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
µPD703003
32
Data Sheet U12261EJ2V1DS00
13. PORT FUNCTIONS
The features of the port functions are shown below.
•
Number of ports
Input-only ports:
8
I/O ports:
67
• Alternated as I/O pins for other peripheral functions
• I/O setting can be specified bitwise
• Noise elimination
• Edge detection
The configurations of the port functions are shown below.
Figure 13-1. Block Diagram of P00 and P01 (Port 0)
Remark
n = 0, 1
WRPMC
WRPM
WRPORT
RDIN
PMC0n
PM0n
P0n
TO11n
P0n
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82