Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD703003 Fiches technique(PDF) 5 Page - NEC

No de pièce UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD703003 Fiches technique(HTML) 5 Page - NEC

  UPD703003 Datasheet HTML 1Page - NEC UPD703003 Datasheet HTML 2Page - NEC UPD703003 Datasheet HTML 3Page - NEC UPD703003 Datasheet HTML 4Page - NEC UPD703003 Datasheet HTML 5Page - NEC UPD703003 Datasheet HTML 6Page - NEC UPD703003 Datasheet HTML 7Page - NEC UPD703003 Datasheet HTML 8Page - NEC UPD703003 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
5
µPD703003
Data Sheet U12261EJ2V1DS00
CONTENTS
1.
DIFFERENCES AMONG PRODUCTS ...........................................................................................
6
2.
LIST OF PIN FUNCTIONS ...............................................................................................................
7
2.1
Port Pins ................................................................................................................................................
7
2.2
Non-port Pins ........................................................................................................................................
9
2.3
I/O Circuits of Pins and Processing of Unused Pins .........................................................................
11
3.
FUNCTION BLOCKS .......................................................................................................................
14
3.1
Internal Units .........................................................................................................................................
14
4.
CPU FUNCTIONS ............................................................................................................................
16
5.
BUS CONTROL FUNCTIONS .........................................................................................................17
6.
INTERRUPT/EXCEPTION HANDLING FUNCTIONS .....................................................................
18
7.
CLOCK GENERATION FUNCTIONS ..............................................................................................
21
8.
TIMER/COUNTER FUNCTIONS (REAL-TIME PULSE UNIT) ........................................................
22
9.
SERIAL INTERFACE FUNCTIONS (SIO) .......................................................................................
24
9.1
Asynchronous Serial Interface 0, 1 (UART0, UART1) ........................................................................
24
9.2
Clock-synchronized Serial Interface 0 to 3 (CSI0 to CSI3) ................................................................
26
9.3
Baud Rate Generator 0 to 2 (BRG0 to BRG2) .....................................................................................
28
10. PWM UNIT .......................................................................................................................................
29
11. A/D CONVERTER ............................................................................................................................
30
12. D/A CONVERTER ............................................................................................................................
31
13. PORT FUNCTIONS ..........................................................................................................................
32
14. RESET FUNCTIONS ........................................................................................................................
45
15. INSTRUCTION SET .........................................................................................................................
46
16. ELECTRICAL SPECIFICATIONS ....................................................................................................53
17. PACKAGE DRAWINGS ...................................................................................................................
77
18. RECOMMENDED SOLDERING CONDITIONS ...............................................................................
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82