Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD703003 Fiches technique(PDF) 52 Page - NEC

No de pièce UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD703003 Fiches technique(HTML) 52 Page - NEC

Back Button UPD703003 Datasheet HTML 48Page - NEC UPD703003 Datasheet HTML 49Page - NEC UPD703003 Datasheet HTML 50Page - NEC UPD703003 Datasheet HTML 51Page - NEC UPD703003 Datasheet HTML 52Page - NEC UPD703003 Datasheet HTML 53Page - NEC UPD703003 Datasheet HTML 54Page - NEC UPD703003 Datasheet HTML 55Page - NEC UPD703003 Datasheet HTML 56Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
µPD703003
52
Data Sheet U12261EJ2V1DS00
Instruction Mnemonic
Operand
Opcode
Operation
Flags
group
CY OV SZ SAT
Special
LDSR
reg2, regID
r r r r r 1 1 1 1 1 1 RRRRR SR[regID]
← GR[reg2] regID = EIPC, FEPC
instructions
00 000 0 00 001 0 00 00
regID = EIPSW, FEPSW
Note
regID = PSW
× × ×××
STSR
regID, reg2
r r r r r 1 1 1 1 1 1 RRRRR GR[reg2]
← SR[regID]
00 000 0 00 010 0 00 00
TRAP
vector
00 000 1 11 111 i i i i i
EIPC
← PC + 4 (restored PC)
00 000 0 01 000 0 00 00 EIPSW
← PSW
ECR.EICC
← Interrupt code
PSW.EP
← 1
PSW.ID
← 1
PC
← 00000040H (when vector is 00H to 0FH)
00000050H (when vector is 10H to 1FH)
RETI
00 000 1 11 111 0 00 00 if PSW.EP = 1
R
R R R R
00 000 0 01 010 0 00 00
then PC
← EIPC
PSW
← EIPSW
else if PSW.NP = 1
then PC
← FEPC
PSW
← FEPSW
else PC
← EIPC
PSW
← EIPSW
HALT
00 000 1 11 111 0 00 00 Stops
00 000 0 01 001 0 00 00
DI
00 000 1 11 111 0 00 00 PSW.ID
← 1
00 000 0 01 011 0 00 00 (maskable interrupt prohibit)
EI
10 000 1 11 111 0 00 00 PSW.ID
← 0
00 000 0 01 011 0 00 00 (maskable interrupt enable)
NOP
00 000 0 00 000 0 00 00 No operation, uses at least one clock
Note In this instructions, “reg2” is the mnemonic abbreviation for the source register, but the reg1 field is used
for the opcode. Consequently, these instructions differ from other instructions in a way registers are
specified in mnemonics description and opcodes.
rrrrr = regID specification
RRRRR = reg2 specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82