Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD703003 Fiches technique(PDF) 17 Page - NEC

No de pièce UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD703003 Fiches technique(HTML) 17 Page - NEC

Back Button UPD703003 Datasheet HTML 13Page - NEC UPD703003 Datasheet HTML 14Page - NEC UPD703003 Datasheet HTML 15Page - NEC UPD703003 Datasheet HTML 16Page - NEC UPD703003 Datasheet HTML 17Page - NEC UPD703003 Datasheet HTML 18Page - NEC UPD703003 Datasheet HTML 19Page - NEC UPD703003 Datasheet HTML 20Page - NEC UPD703003 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
17
µPD703003
Data Sheet U12261EJ2V1DS00
5. BUS CONTROL FUNCTIONS
The features of the bus control functions are shown below.
• Shared as port pins, connectable to external device
• Wait functions
• Programmable wait function for up to three states per two blocks
• External wait function using WAIT pin
• Idle state insertion function
• Bus mastering arbitration function
• Bus hold function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82