Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0020 Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 43Page - STMicroelectronics RM0020 Datasheet HTML 44Page - STMicroelectronics RM0020 Datasheet HTML 45Page - STMicroelectronics RM0020 Datasheet HTML 46Page - STMicroelectronics RM0020 Datasheet HTML 47Page - STMicroelectronics RM0020 Datasheet HTML 48Page - STMicroelectronics RM0020 Datasheet HTML 49Page - STMicroelectronics RM0020 Datasheet HTML 50Page - STMicroelectronics RM0020 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
RM0020
Function API
47/69
Description:
Computes the first-order IIR filter on float data. The input samples are stored in the
array x, output samples are written to the array y.
Algorithm:
Equation 39
for each n from 0 to N-1
Performance: See Section 7 and Table 55.
Example 24. iir_float_1st
#include "libdsp2.h"
/* #pragma and ALIGN macros used to align to 8 bytes */
#ifdef __ghs__
#pragma alignvar (8)
#endif
ALIGN_DCC(8)
float x[256/*+4*/] ALIGN_MWERKS(8); /* +4 to ensure there are 16
bytes of readable memory behind x */
#ifdef __ghs__
#pragma alignvar (8)
#endif
ALIGN_DCC(8)
float y [256] ALIGN_MWERKS(8);
#ifdef __ghs__
#pragma alignvar (8)
#endif
ALIGN_DCC(8)
float s [2] ALIGN_MWERKS(8) = {0,0};
float c [3]
=
{0.5157131330F,0.5157131330F,0.0314262660F};
unsigned short N;
void main(void)
{
/* filter the samples in x with first-order IIR filter, */
/* write result into y */
N = 256;
iir_float_1st(N, x, y, c, s);
}
6.25
iir_float_2nd - float second-order IIR filter
Function call:
void iir_float_2nd (unsigned short N, float *x, float *y, float *c,
float *s);
yn

b0
xn
 b1
xn 1
–
 a1
yn 1
–

–
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69