| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0020 Fiches technique(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0020 Fiches technique(HTML) 67 Page - STMicroelectronics |
|
67 / 69 page ![]() RM0020 Performance 67/69 Table 57. iir_float_casc - cascade of second-order IIR filters for float data N(1) m(1) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 256 1 2461 2339 2338 - 0.99 256 2 4799 4649 4640 - 0.99 256 3 7084 6936 6936 - 0.99 1. N - number of input/output samples, m - number of second-order filters. Table 58. iir_frac16_1st - first-order IIR filter for frac16 data N(1) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 128 758 703 703 2.5 1.00 256 1451 1375 1375 2.5 1.00 1. N - number of input/output samples. Table 59. iir_frac16_2nd - second-order IIR filter for frac16 data N(1) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 128 890 838 838 3.3 1.00 256 1719 1638 1638 3.3 1.00 1. N - number of input/output samples. Table 60. iir_frac16_casc - cascade of second-order IIR filters for frac16 data N(1) m(1) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 256 1 1777 1688 1685 - 0.99 256 2 3454 3340 3334 - 0.99 256 3 5099 4977 4977 - 0.99 1. N - number of input/output samples, m - number of second-order filters. Table 61. iir_frac16_2nd_hc - second-order IIR filter for frac16 data with half coefficients N(1) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 128 970 919 919 3.1 1.00 256 1855 1783 1783 3.2 1.00 1. N - number of input/output samples. |