| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0020 Fiches technique(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0020 Fiches technique(HTML) 65 Page - STMicroelectronics |
|
65 / 69 page ![]() RM0020 Performance 65/69 Table 49. sobel3x3 - sobel filter(1) MxN(2) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 16x8 1304 1256 1248 3.0 0.98 8x16 1209 1162 1162 3.1 0.97 10x16 1569 1528 1528 3.1 0.97 32x32 11419 11318 11314 3.3 0.99 1. The number of instructions executed is 38+(M-2)*(37+48*(N-4)/4). 2. MxN is size of input and output matrix (M is number of rows). Table 50. sobel3x3_horizontal - horizontal sobel filter(1) MxN(2) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 16x8 904 871 871 2.7 0.98 8x16 852 812 812 2.8 0.96 10x16 1100 1066 1066 2.8 0.96 32x32 7910 7820 7820 2.9 0.99 1. The number of instructions executed is 28+(M-2)*(26+33*(N-4)/4). 2. MxN is size of input and output matrix (M is number of rows). Table 51. sobel3x3_vertical - vertical sobel filter(1) MxN(2) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 16x8 935 907 907 2.9 0.96 8x16 841 815 815 3.1 0.96 10x16 1099 1071 1071 3.1 0.97 32x32 7932 7847 7847 3.3 0.99 1. The number of instructions executed is 28+(M-2)*(27+33*(N-4)/4). 2. MxN is size of input and output matrix (M is number of rows). Table 52. corr_frac16 - correlation function N(1) M(1) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 4 4 97 57 57 4.0 0.86 16 16 400 368 355 4.6 0.92 32 32 1168 1115 1115 4.8 0.96 128 128 15161 15083 15083 4.7 0.99 256 256 58938 58808 58795 4.6 1.00 |