Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0020 Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 36Page - STMicroelectronics RM0020 Datasheet HTML 37Page - STMicroelectronics RM0020 Datasheet HTML 38Page - STMicroelectronics RM0020 Datasheet HTML 39Page - STMicroelectronics RM0020 Datasheet HTML 40Page - STMicroelectronics RM0020 Datasheet HTML 41Page - STMicroelectronics RM0020 Datasheet HTML 42Page - STMicroelectronics RM0020 Datasheet HTML 43Page - STMicroelectronics RM0020 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
Function API
RM0020
40/69
Algorithm:
1.
Compute horizontal sobel filter, i.e. compute 2-D convolution with the following kernel:
2.
Get absolute value of result
3.
Range limit to 0..255
Note: The input/output images must be properly aligned in memory as described in
Table 19.
Performance: See Section 7 and Table 50.
Example 19. sobel3x3_horizontal
#include "libdsp2.h"
/* #pragma and ALIGN macros used to align to 4 bytes */
#ifdef __ghs__
#pragma alignvar (4)
#endif
ALIGN_DCC(4)
unsigned char a[16*12];
/* #pragma and ALIGN macros used to align to 4 bytes */
#ifdef __ghs__
#pragma alignvar (4)
#endif
ALIGN_DCC(4)
unsigned char b[16*12] ALIGN_MWERKS(4);
unsigned short M, N, shift;
void main(void)
{
/******** Horizontal sobel filter *********/
M = 16;
N = 12;
sobel3x3_horizontal(a, b, M, N);
}
6.20
sobel3x3_vertical - vertical sobel filter
Function call:
void sobel3x3_vertical(unsigned char *a, unsigned char *b,
unsigned short M, unsigned short N);
G
y
1
–
2
–
1
–
000
120
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69