Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0020 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 18Page - STMicroelectronics RM0020 Datasheet HTML 19Page - STMicroelectronics RM0020 Datasheet HTML 20Page - STMicroelectronics RM0020 Datasheet HTML 21Page - STMicroelectronics RM0020 Datasheet HTML 22Page - STMicroelectronics RM0020 Datasheet HTML 23Page - STMicroelectronics RM0020 Datasheet HTML 24Page - STMicroelectronics RM0020 Datasheet HTML 25Page - STMicroelectronics RM0020 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
Function API
RM0020
22/69
Description:
Computes the last stage of N-point radix-2 complex to complex frac32 in-place fast
Fourier transform (FFT). Input data are stored in inout_buffer, output data are written
over the input data into inout_buffer. This function is used to calculate the FFT for
lengths which are odd power of two (128, 512, 2048).
Note: There must be at least 16 bytes of readable memory behind inout_buffer.
Performance: See Section 7 and Table 37.
Example 8. fft_radix2_last_stage_frac32
#include "libdsp2.h"
int inout_buffer[2*512];
void main() {
/* bit reverse permutation and calculation of 512-point FFT */
bitrev_table_16bit(16, (short *)(inout_buffer+512),
seed_radix2_16bit_512);
fft_quad_frac32(512, inout_buffer, w_table_radix2_frac32_512);
fft_radix2_last_stage_frac32(512, inout_buffer,
w_table_radix2_frac32_512);
}
6.9
Split function of N-point real to complex float FFT
Function call:
void fft_real_split_float(unsigned int N, float *y, float *wa,
float *wb);
twiddle_factor_table in
pointer to the vector of twiddle factors of length N, vector must
be double word aligned
memory layout:
w_Re(0) w_Im(0) w_Re(1) w_Im(1) ... w_Re(N/2-1) w_Im(N/2-1)
Use predefined w_table_radix2_frac32_N arrays.
The w_table_radix2_frac32_N is computed according to this
formula:
for k = 0, 1, ... N/2-1
Table 8.
fft_radix2_last_stage_frac32 arguments (continued)
w_Re k
 iw_Im k

+
w
N
k
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69