Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4124 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce AN4124
Description  Using SPC56EL60x fault collection and control unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4124 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button AN4124 Datasheet HTML 20Page - STMicroelectronics AN4124 Datasheet HTML 21Page - STMicroelectronics AN4124 Datasheet HTML 22Page - STMicroelectronics AN4124 Datasheet HTML 23Page - STMicroelectronics AN4124 Datasheet HTML 24Page - STMicroelectronics AN4124 Datasheet HTML 25Page - STMicroelectronics AN4124 Datasheet HTML 26Page - STMicroelectronics AN4124 Datasheet HTML 27Page - STMicroelectronics AN4124 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Redundancy and functions
AN4124
24/32
Doc ID 023294 Rev 2
/* Retun from FCCU SAFE mode reset */
FCCU_NCFS_Clear(Num_Fault);
/* Clear the fault */
RGM.FES.R = 0xFFFF; /* Clear FER register */
ME.MCTL.R = (DRUN_MODE << 28 | 0x00005AF0);/* Mode & Key */
ME.MCTL.R = (DRUN_MODE << 28 | 0x0000A50F);/* Mode & Key */
/* Wait for mode entry to complete */
while(ME.GS.B.S_MTRANS==1);
/* Check DRUN mode has been entered */
while(ME.GS.B.S_CURRENT_MODE!=DRUN_MODE);
tc1_error = 0;
/* Error counter */
}else{
/* Not NON-Critical fault was latched */
}
}else{
/* Read State ERROR */
}
}
if(tc1_error == 0)
return(PASS);
return(FAIL);
}
A.2.8
Read FCCU - state machine
uint32_t FCCU_STATUS_Read(uint32_t* STATUS_Value){
uint32_t exit_value= 0; /* Returned value = ERROR */
FCCU.CTRL.B.OPR = CTRL_OPR3;
/* Set the OP3 */
while(FCCU.CTRL.B.OPS != CTRL_OPS3); /* wait for the completion of
the operation */
*STATUS_Value = FCCU.STAT.R; /* Read the STATUS Register */
exit_value = 1;
/* Returned value = SUCCESS */
return(exit_value);
}
A.2.9
Non-critical fault - enable
uint32_t FCCU_NCF_Enable(uint32_t NCFE_number, uint32_t NCFE_Value){
uint32_t exit_value= 0; /* Returned value = ERROR */
uint32_t Reg_Selection = 0;/* Register Selection [0..3] */
if (NCFE_number <= 127){
Reg_Selection = (NCFE_number/32);
/* INT(NCFE_number/32)*/
if (NCFE_Value == NCFE_En){
switch (Reg_Selection){
case 0 :
FCCU.NCFE0.R |= (uint32_t) (NCFE_En << (NCFE_number%32));
/* Enable the non-critical fault */
break;
case 1 :
FCCU.NCFE1.R |= (uint32_t) (NCFE_En << (NCFE_number%32));
/* Enable the non-critical fault */
break;
case 2 :
FCCU.NCFE2.R |= (uint32_t) (NCFE_En << (NCFE_number%32));
/* Enable the non-critical fault */
break;
case 3 : FCCU.NCFE3.R |= (uint32_t) (NCFE_En << (NCFE_number%32));
/* Enable the non-critical fault */
break;
default:
FCCU.NCFE3.R |= (uint32_t) (NCFE_En << (NCFE_number%32));
/* Enable the non-critical fault */
break;
}
}else{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32