| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4124 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4124 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 32 page ![]() AN4124 Fault: CF and NCF Doc ID 023294 Rev 2 9/32 4 Fault: CF and NCF The FAULT state has a higher priority than the ALARM state, in the case of concurrent fault events (critical and non-critical) that occur in the NORMAL state. In case of concurrent critical faults, the fault reaction corresponds to the worst case (for example, a long functional reset is asserted if it has been programmed). The ALARM to FAULT state transition occurs if a fault (unmasked and with time-out disabled) is asserted in the ALARM state. Any critical fault (programmed to react with a hard or soft reaction) that occurs when the FCCU is already in the FAULT state causes an immediate hard or soft reaction (long or short functional reset). The ALARM to NORMAL state transition occurs only if all the non-critical faults (including the faults that have been collected after entry to ALARM state) have been cleared (SW or HW recovery). Otherwise the FCCU will remain in the ALARM state. The FAULT to NORMAL state transition occurs only if all the critical and non-critical faults (including the faults that have been collected after entry to FAULT/ALARM state) have been cleared (SW or HW recovery). Otherwise the FCCU remains in the FAULT state (if any critical fault is still pending) or returns to the ALARM state (if any non-critical fault is still pending and the time-out has not elapsed). 4.1 Critical fault (CF) Below is the CF table: Table 2. Critical fault Critical fault Source Signal Short/long/non e default func. reset Set/clear injection CF[0] RCCUO[0] rcc_out Long X CF[1] RCCU1[0] rcc_out Long X CF[2] RCCUO[1] rcc_out Long X CF[3] RCCU1[1] rcc_out Long X CF[4] RCCUO[2] rcc_out Long X CF[5] RCCU1[2] rcc_out Long X CF[6] RCCUO[3] rcc_out Long X CF[7] RCCU1[3] rcc_out Long X CF[8] RCCUO[4] rcc_out Long X CF[9] RCCU1[4] rcc_out Long X CF[10] RCCUO[5] rcc_out Long X CF[11] RCCU1[5] rcc_out Long X CF[12] RCCUO[6] rcc_out Long X |