Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4124 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN4124
Description  Using SPC56EL60x fault collection and control unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4124 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN4124 Datasheet HTML 17Page - STMicroelectronics AN4124 Datasheet HTML 18Page - STMicroelectronics AN4124 Datasheet HTML 19Page - STMicroelectronics AN4124 Datasheet HTML 20Page - STMicroelectronics AN4124 Datasheet HTML 21Page - STMicroelectronics AN4124 Datasheet HTML 22Page - STMicroelectronics AN4124 Datasheet HTML 23Page - STMicroelectronics AN4124 Datasheet HTML 24Page - STMicroelectronics AN4124 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AN4124
Redundancy and functions
Doc ID 023294 Rev 2
21/32
A.2
General purpose function
Below are some general purpose functions, settinf and clearing registers.
A.2.1
Config state
uint32_t FCCU_CONFIG_STATE(void){
/* ----------------- CONFIG State --------------------- */
FCCU.CTRLK.R = CTRLK_OP1;
/* Key for the operation OP1 */
FCCU.CTRL.R = CTRL_OPR1;
/* Set the FCCU into the CONFIG state [OP1] */
while(FCCU.CTRL.B.OPS != CTRL_OPS3);
/* wait for the completion of the
operation */
return 1;
}
A.2.2
Normal state
uint32_t FCCU_NORMAL_STATE(void){
/* ----------------- NORMAL State --------------------- */
FCCU.CTRLK.R = CTRLK_OP2;
/* Key for the operation OP2 */
FCCU.CTRL.R = CTRL_OPR2;
/* Set the FCCU into the NORMAL state [OP2] */
while(FCCU.CTRL.B.OPS != CTRL_OPS3);
/* wait for the completion of the
operation */
return 1;
}
A.2.3
Lock FCCU
uint32_t FCCU_LOCK(void){
/* ----------------- NORMAL State --------------------- */
FCCU.CTRLK.R = CTRLK_OP16;
/* Key for the operation OP16 */
FCCU.CTRL.R = CTRL_OPR2;
/* Lock the FCCU configuration [OP16] */
while(FCCU.CTRL.B.OPS != CTRL_OPS3);
/* wait for the completion of the
operation */
return 1;
}
A.2.4
Read status register
uint32_t FCCU_CFS_Read(uint32_t CFS_number, uint32_t* CFS_Value){
uint32_t exit_value= 0;/* Returned value = ERROR */
uint32_t Reg_Selection = 0;/* Register Selection [0..3] */
if (CFS_number <= 127){
FCCU.CTRL.B.OPR = CTRL_OPR9;
/* Set the OP9 */
while(FCCU.CTRL.B.OPS != CTRL_OPS3); /* wait for the completion of the
operation */
Reg_Selection = (CFS_number/32);
/* INT(CFS_number/32)*/
switch (Reg_Selection){
case 0 : *CFS_Value = (FCCU.CFS0.R >> (CFS_number%32)) & 1;
/* Read the critical fault latched state */
break;
case 1 : *CFS_Value = (FCCU.CFS1.R >> (CFS_number%32)) & 1;
/* Read the critical fault latched state */
break;
case 2 : *CFS_Value = (FCCU.CFS2.R >> (CFS_number%32)) & 1;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32