| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4124 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4124 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 32 page ![]() AN4124 Fault: CF and NCF Doc ID 023294 Rev 2 11/32 4.2 Non-critical fault (NCF) Table 3 is about the NCF table: Table 3. Non-critical fault Non- critical fault Source Signal Short/long/ none default func reset Fault management Polarity Set/clear injection NCF[0] Core_0 watchdog p_wrs[0] Long latched High — NCF[1] Core_0 watchdog p_wrs[1] Long latched High — NCF[2] FM_PLL_0 Loss of lock Long latched High — NCF[3] FM_PLL_1 Loss of lock Long latched High — NCF[4] CMU_0 Loss of XOSC clock Long latched High — NCF[5] CMU_0 Sysclk frequency out of range Long latched High — NCF[6] CMU_1 MOTC_CLK frequency out of range Long latched High — NCF[7] CMU_2 FRPE_CLK frequency out of range Long latched High — NCF[8] MCM_ECN_0 ECC 1-bit error correction notification — latched High — NCF[9] MCM_ECN_1 ECC 1-bit error correction notification — latched High — NCF[10] ADC_NCF_0 Internal self test (Non-critical fault) — latched High X (by ADC itself) NCF[11] ADC_NCF_1 Internal self test (Non-critical fault) — latched High X (by ADC itself) NCF[12] STCU_NCF Bist results (Non-critical faults) — latched High X NCF[13] LVD_ 1.2V LVD BIST OK in test mode/ LVD NOK in user mode — latched High X NCF[14] HVD_ 1.2V HVD BIST OK in test mode/ HVD NOK in user mode — latched High X NCF[15] LVD VREG LVD VREG fault detected by self-checking — latched High X NCF[16] LVD FLASH LVD FLASH fault detected by self-checking — latched High X NCF[17] LVD IO LVD IO fault detected by self- checking — latched High X NCF[18] PMU Comparator fault detected by self-checking — latched High — NCF[19] FLEXR_ECN ECC 1-bit error correction notification — latched High — |