| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4124 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4124 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 32 page ![]() AN4124 Redundancy and functions Doc ID 023294 Rev 2 19/32 Appendix A Redundancy and functions A.1 Path redundancy on critical error reaction All faults detected are reported to the central Fault Collection and Control Unit (FCCU) and RGM. Depending on the particular fault, the FCCU puts the device into the appropriate configured Fail-Safe state. This prevents propagation of faults to system level. Critical errors detected normally are forwarded independently by each channel to RGM and FCCU. The state of the RGM is forwarded to the FCCU. The FCCU forwards an additional reset request to the RGM. This strategy is used as it drastically decreases the common mode failure on the Reset path. Figure 3. Dual path faults For some faults: ● The fault is triggered to the FCCU. ● FCCU reacts independently of the RGM. ● Fault reaction depends on the FCCU settings. Figure 4. RGM/FCCU – no dual path faults |