Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VFS9V Fiches technique(PDF) 33 Page - Murata Manufacturing Co., Ltd.

No de pièce VFS9V
Description  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V Fiches technique(HTML) 33 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
EMI Suppression Filters (Lead Type EMIFIL
r)
Common Mode Choke Coils (for DC Line) PLT09H Series
PLT09H series is a common mode choke coil for DC
lines. It is effective against the common mode noise
that can cause radiative noise in power supply lines
and interface lines. The additional normal mode
inductance enables high suppression effect to
radiation noise.
c Features
1. This is a wide frequency range type, applicable in
applications ranging from a few MHz to several
100MHz.
2. It features a low-profile design.
c Applications
1. Noise suppression of SW power supply, DC-DC converter
2. DC power lines in AC adapter of Portable equipment
(in mm)
14 max.
5±0.5
Soldered
10±0.5
ø0.6 max.
(1)
(2)
(4)
(3)
PLT09H Series
Part Number
Rated Current
(A)
Rated Voltage
(Vdc)
Withstand Voltage
(Vdc)
Common Mode Inductance
(µH)
PLT09HN2003R0P1
3
50
125
20 min.
Operating Temperature Range: -40 to +85°C
(1)
(2)
(4)
(3)
No polarity.
c Equivalent Circuit
15
0
5
10
20
25
30
0.1
1
10
100
1000
Frequency (MHz)
(50
Ω - 50Ω)
c Insertion Loss Characteristics
31
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com