Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VFS9V Fiches technique(PDF) 10 Page - Murata Manufacturing Co., Ltd.

No de pièce VFS9V
Description  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V Fiches technique(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
EMI Suppression Filters (Lead Type EMIFIL
r)
Ferrite Beads Inductors BL01/02/03 Series
c Features
BL01/02/03 series are ferrite beads with lead wires to
produce a high frequency loss for suppression of
noise. Simple construction and easy-to-use, effective
for low impedance circuits such as power supplies and
grounds. Effective also for preventing overshoot and
undershoot of digital signal in clocks or the like,
and suppressing the higher harmonic wave. Suitable for
prevention of abnormal oscillation at high frequency
amplifying circuit.
20 min.
5.0±0.3
20 min.
45 min.
ø0.65
(in mm)
∗Coating extending on leads : 1.5 max.
∗∗
BL01RN1A1D2B
ø0.65
10±1.0
5.0±0.3
(in mm)
∗Coating extending on leads : 1.5 max.
∗∗
BL01RN1A2A2B
(in mm)
7.5 max.
ø3.4±0.2
5.0±0.8
ø0.65
∗There is excess bond stick on the wire.
∗
∗
BL02RN1R2M2B
5.0±0.8
∗There is excess bond stick on the wire.
∗
8.0 max.
ø3.4±0.2
ø0.65
(in mm)
∗
BL02RN1R3J2B
(in mm)
9.0 max.
ø3.4±0.2
5.0±0.8
ø0.65
BL02RN2R1M2B
ø0.65
(in mm)
5.0±0.8
9.0 max.
ø3.4±0.2
BL02RN2R3J2B
(in mm)
8.3 max.
ø2.3 max.
5.0±0.8
ø0.60
BL03RN2R1M1B
8
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com