Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VFS9V Fiches technique(PDF) 19 Page - Murata Manufacturing Co., Ltd.

No de pièce VFS9V
Description  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V Fiches technique(HTML) 19 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
EMI Suppression Filters (Lead Type EMIFIL
r)
Disc Type EMIFIL
r Broad Band Type DSN9/DST9 Series
c Features
DS_9 is a basic type EMI suppression filter which can
obtain high insertion loss in a wide frequency range.
Its three terminal structure enables precise high
frequency performance.
c Supplement
Diameter of lead is 0.6mm for taping type.
Taping type is three terminal in-line arrangement.
(in mm)
4.0 max.
9.5 max.
1.0±0.5
5.0±0.5
2.5±0.5
ø0.65
I
Q55 Type: 25.0 min.
Q56 Type: 6.0±1.0
Q54 Type: 4.0±0.5
GND
DSN9N_Q55B
(in mm)
4.0 max.
9.5 max.
GND
Q55 Type: I = 25.0 min.
Q50 Type: I1 = 4.0±0.5
1.25±0.5
5.0±0.5
2.5±0.5
ø0.65
Ferrite bead
DST9N_Q55B
DSN9 Series
Part Number
Capacitance
(pF)
Rated Voltage
(Vdc)
Rated Current
(A)
Operating Temperature Range
DSN9NC52A271
270 ±20%
100
7
-25 to +85°C
DSN9NC52A222
2200 ±20%
100
7
-25 to +85°C
DSN9NC51H223
22000 50/-20%
50
7
-25 to +85°C
Rated current is 6A for taping type and its lead diameter is phi 0.6mm.
Please refer to Part Numbering for Type and Length of Lead.
GND
No polarity.
c Equivalent Circuit
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
Frequency (MHz)
270pF
2200pF
22000pF
(50
Ω - 50Ω)
c Insertion Loss Characteristics
17
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com