Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VFS9V Fiches technique(PDF) 30 Page - Murata Manufacturing Co., Ltd.

No de pièce VFS9V
Description  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V Fiches technique(HTML) 30 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Noise Suppression Effect of VFR/VFS Series
cNoise Absorption Effect of EMIGUARDr (VFS9V)
Type of Filter
without EMIGUARD
r
EMI Suppression Effect
Description
Waveform when EMIGUARD
r is not
used.
(Surge from a noise simulator.)
Waveform after the noise passed
through EMIGUARD
r. Little noise is
recorded.
with EMIGUARD
r
D
223S
12-22
100
: 200V/div
: 10ns/div
90
80
20
10
0%
100
: 200V/div
: 10ns/div
90
80
20
10
0%
cComparative Data (VFS9V)
Type of Filter
Without Filters
Conventional varistor
VFS9V
Two-terminal capacitor
(with varistor function)
EMI Suppression Effect
Description
As with the two-terminal capacitor
The two-terminal capacitor is influenced
by lead line inductance, leaving behind
some of the rising and falling edges.
The residual noise can cause the
system to malfunction.
The three-terminal structure eliminates
most of the lead line inductance. This
allows VFS9V to completely absorb the
rising and falling edges of the applied
pulses.
100
90
80
20
1 0
0%
100
90
80
20
1 0
0%
100
90
80
20
1 0
0%
Noise wave applied
1. Absorption of quick-rising, high-frequency noise (10ns/div, 100V/div)
50ns
Continued from the preceding page.
Continued on the following page.
28
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com