Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VFS9V Fiches technique(PDF) 32 Page - Murata Manufacturing Co., Ltd.

No de pièce VFS9V
Description  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V Fiches technique(HTML) 32 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
30
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
EMI Suppression Filters (Lead Type EMIFIL
r)
Common Mode Choke Coils Part Numbering
(Part Number)
Common Mode Choke Coils
eApplications
Code
for DC Line High-frequency Type
Applications
09H
qProduct ID
PL
Common Mode Choke Coils
Product ID
wType
T
DC Type
Code
Type
oPackaging
B
All series
Bulk
Code
Packaging
Series
uWinding Mode
P
Aligned Winding Type
Code
Winding Mode
yRated Current
Expressed by three-digit alphanumerics. The unit is in amperes
(A). A decimal point is expressed by the capital letter "R". In this
case, all figures are significant digits.
iLead Dimensions
1
5mm
Code
Lead Dimensions
Code
General Use
Features
N
rFeatures
tInductance
Expressed by three figures. The unit is micro-henry (μH). The first
and second figures are significant digits, and the third figure
expresses the number of zeros that follow the two figures.
t
200
r
N
y
3R0
q
PL
e
09H
w
T
u
P
i
1
o
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com