Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VFS9V Fiches technique(PDF) 22 Page - Murata Manufacturing Co., Ltd.

No de pièce VFS9V
Description  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V Fiches technique(HTML) 22 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
With Ferrite Beads DST9H Series
Part Number
Capacitance
(pF)
Rated Voltage
(Vdc)
Rated Current
(A)
Operating Temperature Range
DST9HB32E220
22 ±20%
250
6
-40 to +105°C
DST9HB32E101
100 ±20%
250
6
-40 to +105°C
DST9HB32E271
270 ±20%
250
6
-40 to +105°C
DST9HB32E222
2200 ±20%
250
6
-40 to +105°C
Please refer to Part Numbering for Type and Length of Lead.
GND
No polarity.
c Equivalent Circuit
0.1
1
10
100
1000
0
20
40
60
80
100
120
Frequency (MHz)
22pF
100pF
2200pF
270pF
(50
Ω - 50Ω)
c Insertion Loss Characteristics
20
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com