Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VFS9V Fiches technique(PDF) 28 Page - Murata Manufacturing Co., Ltd.

No de pièce VFS9V
Description  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V Fiches technique(HTML) 28 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Noise Suppression Effect of VFR/VFS Series
cExample of IC Protection (VFR3V)
Type of Filter
Before Countermeasures
(No Filters)
Using
VFR3VD31E131T51
EMI Suppression Effect
Test Circuit
cExample of EMI Suppression Effect
Test Circuit
o Testing Method
1. Put ESD surge to IC (7404 family) input terminal with
ESD simulator based on IEC 801-2.
2. Check IC's operation.
3. If IC's operation is normal, increase ESD voltage in 1kV
steps.
4. Continue above steps 1 to 3 till IC's operation becomes
abnormal.
o Result
Varistor VFR3V can protect IC from ESD.
0
LS
ALS
Without VFR3V
Breakdown level
[kV]
(Result)
With use VFR3V
AS
C
IC’s Family
HC
AC
5
10
15
20
25
30 min.
330
Ω
VFR3V
ESD Simulator
Test IC
150pF
Noise Radiation Cable (50cm)
ANT
Signal
1MHz
ACO4
Shield
F
20
30
90
150
210
270
330
30
40
50
60
70
Frequency (MHz)
20
30
90
150
210
270
330
30
40
50
60
70
Frequency (MHz)
26
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com