| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8T143 Fiches technique(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8T143 Fiches technique(HTML) 50 Page - STMicroelectronics |
|
50 / 65 page ![]() Package characteristics STM8T143 50/65 DocID18315 Rev 6 10.1.2 UFDFPN8 package mechanical data Figure 24. UFDFPN8-lead ultra thin fine pitch dual flat package (MLP) package outline Table 26. UFDFPN8-lead ultra thin fine pitch dual flat - package mechanical data Symbol millimeters inches (1) 1. Values in inches are rounded to 4 decimal digits Min Typ Max Min Typ Max A(2) 2. In order to prevent undesired effects such as spurious detections or modified sensitivity the UFDFPN8 package should not be directly exposed to light sources (visible or invisible). 0.450 0.550 0.600 0.0177 0.0217 0.0236 A1 0.000 0.020 0.050 0.0000 0.0008 0.0020 b 0.200 0.250 0.300 0.0079 0.0098 0.0118 D 1.900 2.000 2.100 0.0748 0.0787 0.0827 D2 1.500 1.600 1.700 0.0591 0.0630 0.0669 E 2.900 3.000 3.100 0.1142 0.1181 0.1220 E2 0.100 0.200 0.300 0.0039 0.0079 0.0118 e - 0.500 - - 0.0197 - L 0.400 0.450 0.500 0.0157 0.0177 0.0197 L1 - - 0.150 - - 0.0059 L3 0.300 - - 0.0118 - - Tolerance millimeters inches ddd (3) 3. Applied for exposed die paddle and terminals. Exclude embedding part of exposed die paddle from measuring. - 0.080 - - 0.0031 - D E UFDFPN-01 A A1 ddd L1 e b D2 L E2 L3 |