Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8T143 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 21Page - STMicroelectronics STM8T143 Datasheet HTML 22Page - STMicroelectronics STM8T143 Datasheet HTML 23Page - STMicroelectronics STM8T143 Datasheet HTML 24Page - STMicroelectronics STM8T143 Datasheet HTML 25Page - STMicroelectronics STM8T143 Datasheet HTML 26Page - STMicroelectronics STM8T143 Datasheet HTML 27Page - STMicroelectronics STM8T143 Datasheet HTML 28Page - STMicroelectronics STM8T143 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
DocID18315 Rev 6
25/65
STM8T143
STM8T143 processing
64
5.6
Debounce filter
The purpose of the debounce filter mechanism is to reduce the effects of noise on the touch
and proximity detection. Debouncing is applied to acquisition samples to filter undesired
abrupt changes. The principle is to wait for several consecutive acquisitions with the signal
on the same side of a threshold before reporting the change in detection state induced by
this threshold crossing.
The number of consecutive detection debounce counts (DDC) and end of detection
debounce counts (EDDC) needed to identify a proximity/touch detection are defined in
Section 9.5: Capacitive sensing characteristics on page 42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65