Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8T143 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 32Page - STMicroelectronics STM8T143 Datasheet HTML 33Page - STMicroelectronics STM8T143 Datasheet HTML 34Page - STMicroelectronics STM8T143 Datasheet HTML 35Page - STMicroelectronics STM8T143 Datasheet HTML 36Page - STMicroelectronics STM8T143 Datasheet HTML 37Page - STMicroelectronics STM8T143 Datasheet HTML 38Page - STMicroelectronics STM8T143 Datasheet HTML 39Page - STMicroelectronics STM8T143 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
Design guidelines
STM8T143
36/65
DocID18315 Rev 6
8
Design guidelines
8.1
Sensitivity adjustment
Several factors impact device sensitivity:
•
The sensing electrode material and size
•
The touch panel material and thickness
•
The board layout and in particular the sensing signal tracks
•
The ground coupling of the object (finger or hand) and sensor
•
The touch or proximity detection threshold selected
8.1.1
PCB layout and construction
The PCB traces, wiring, and components associated or in contact with CX pins become
touch sensitive and should be treated with caution to limit the touch area to the desired
location.
Even with AET it is important to limit the amount of stray capacitance on the CX pin. This can
be done by minimizing trace lengths and widths. To minimize cross-coupling, tracks from
adjacent sensing channel should not run close to each other for long distances. For detailed
information, refer to application note AN2869.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65