Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8T143 Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 40Page - STMicroelectronics STM8T143 Datasheet HTML 41Page - STMicroelectronics STM8T143 Datasheet HTML 42Page - STMicroelectronics STM8T143 Datasheet HTML 43Page - STMicroelectronics STM8T143 Datasheet HTML 44Page - STMicroelectronics STM8T143 Datasheet HTML 45Page - STMicroelectronics STM8T143 Datasheet HTML 46Page - STMicroelectronics STM8T143 Datasheet HTML 47Page - STMicroelectronics STM8T143 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
Electrical characteristics
STM8T143
44/65
DocID18315 Rev 6
9.6
Streaming mode characteristics
Figure 21. Data streaming timing diagram
Table 18. Implemented EPCC values (pF)
General name
EPCC name
ICS bit 2
01
Implemented
capacitance values
EPCC 0
0.3
0.6
EPCC 1
0.6
1.2
EPCC 2
1.2
2.4
EPCC 3
2.4
4.8
EPCC 4
4.8
9.6
EPCC 5
9.6
19.2
Maximum PCC capacitance value
18.9
37.8
Table 19. External sensing component characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
CX
Equivalent electrode capacitance
1
-
60
pF
CT
Equivalent touch capacitance
-
5
-
RX
Electrode serial resistance
-
2
22
kOhm
Table 20. Data streaming timing characteristics
Symbol
Parameter
Typ.
Unit
tSTART
DATA low time
17
µs
tBIT
Data bit time
17
tSTOP
DATA high time
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65