| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8T143 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8T143 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 65 page ![]() STM8T143 processing STM8T143 22/65 DocID18315 Rev 6 5.5.2 ECS halt As soon as a proximity detection is triggered, the ECS should be halted otherwise the ECS considers the signal variation due to the user action as an environment change. In such a case, the ECS adapts to the new conditions until the reference reaches the current signal level generated by the user. This leads to a detection loss as described in Figure 13. Figure 13. ECS halt Note: 1 The dashed lines in Figure 13 represent the reference and thresholds if ECS is not halted. In this case, detection is lost before the user exits the electrode detection area. The plain lines represent normal device processing with the ECS stop. |