Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8T143 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 9Page - STMicroelectronics STM8T143 Datasheet HTML 10Page - STMicroelectronics STM8T143 Datasheet HTML 11Page - STMicroelectronics STM8T143 Datasheet HTML 12Page - STMicroelectronics STM8T143 Datasheet HTML 13Page - STMicroelectronics STM8T143 Datasheet HTML 14Page - STMicroelectronics STM8T143 Datasheet HTML 15Page - STMicroelectronics STM8T143 Datasheet HTML 16Page - STMicroelectronics STM8T143 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
DocID18315 Rev 6
13/65
STM8T143
STM8T ProxSense technology
64
4.3
Internal sampling capacitor
To reduce the application cost and increase the device flexibility, the STM8T143 features
several internal sampling capacitors to fit a wide range of applications.
4.4
Electrode parasitic capacitance compensation (EPCC)
The implementation of an electrode pad in a system always induces parasitic capacitances
through tracks and surrounding components.The electrode parasitic capacitance is the
residual capacitance between electrode and ground when no finger is present.
The EPCC is an internal hardware circuitry that compensates part of the electrode parasitic
capacitance to improve the capacitive sensing channel sensitivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65