Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8T143 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 30Page - STMicroelectronics STM8T143 Datasheet HTML 31Page - STMicroelectronics STM8T143 Datasheet HTML 32Page - STMicroelectronics STM8T143 Datasheet HTML 33Page - STMicroelectronics STM8T143 Datasheet HTML 34Page - STMicroelectronics STM8T143 Datasheet HTML 35Page - STMicroelectronics STM8T143 Datasheet HTML 36Page - STMicroelectronics STM8T143 Datasheet HTML 37Page - STMicroelectronics STM8T143 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
Typical application diagram
STM8T143
34/65
DocID18315 Rev 6
7
Typical application diagram
Figure 17. Typical application schematic for Control mode
1. RX is optional for added ESD protection
2. Active low open drain output pin or push-pull active high
3. Keep track as short as possible
4. CVDD is optional for added IC stability
5. Please refer to Table 8: Current characteristics for the maximum output load drive current capability
Figure 18. Typical application schematic for Dual output mode
1. RX is optional for added ESD protection
2. Active low open drain output pin or push-pull active high.
3. Keep track as short as possible
4. CVDD is optional for added IC stability
5. Please refer to Table 8: Current characteristics for the maximum output load drive current capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65