Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OR3LP26B Fiches technique(PDF) 61 Page - Agere Systems

No de pièce OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AGERE [Agere Systems]
Site Internet  
Logo AGERE - Agere Systems

OR3LP26B Fiches technique(HTML) 61 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 57Page - Agere Systems OR3LP26B Datasheet HTML 58Page - Agere Systems OR3LP26B Datasheet HTML 59Page - Agere Systems OR3LP26B Datasheet HTML 60Page - Agere Systems OR3LP26B Datasheet HTML 61Page - Agere Systems OR3LP26B Datasheet HTML 62Page - Agere Systems OR3LP26B Datasheet HTML 63Page - Agere Systems OR3LP26B Datasheet HTML 64Page - Agere Systems OR3LP26B Datasheet HTML 65Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 184 page
background image
Lucent Technologies Inc.
61
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual Port (continued)
Target Read from Configuration Space
Figure 16 shows the timing on the PCI interface for a Target read from configuration space. Accesses of configura-
tion space occur without any involvement of the FPGA interface. All configuration space accesses are discon-
nected with data on the first data word, and are thus restricted from bursting. Address decode speed is medium,
and the PCI core signals that it is supplying the word of data by asserting trdyn one cycle after devseln is
asserted.
5-8856(F).a
Figure 16. Target Configuration Read (PCI Bus, 64-Bit)
T0
T1
T2
T3
T4
T5
T6
X
ADDRESS
X
DATA
X
X
CMD
BYTE ENABLES
X
X
X
clk
framen
ad
c_ben
idsel
irdyn
devseln
trdyn
stopn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More