| Moteur de recherche de fiches techniques de composants électroniques |
|
OR3LP26B Fiches technique(PDF) 97 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B Fiches technique(HTML) 97 Page - Agere Systems |
|
97 / 184 page ![]() Lucent Technologies Inc. 97 Data Sheet ORCA OR3LP26B FPSC March 2000 Embedded Master/Target PCI Interface Lucent Technologies Inc. PCI Bus Core Detailed Description Quad Port (continued) 5-8841(F).a Figure 30. Master Read Single Quadword (FPGA Bus, Quad-Port, Specified Burst Length, 32-Bit Address) T0 T1 T2 T3 T4 TN TN+1 TN+2 TN+3 TN+4 X 0 1 4 4 5 0 0 CMD 0 0 X BRST ADRS X X X X D0 D1 X fclk m_ready ma_fulln mstatecntr mcmd mwdata mrdata maenn mrdataenn mwlastcycn mrlastcycn mr_emptyn mr_aemptyn |