Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OR3LP26B Fiches technique(PDF) 4 Page - Agere Systems

No de pièce OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AGERE [Agere Systems]
Site Internet  
Logo AGERE - Agere Systems

OR3LP26B Fiches technique(HTML) 4 Page - Agere Systems

  OR3LP26B Datasheet HTML 1Page - Agere Systems OR3LP26B Datasheet HTML 2Page - Agere Systems OR3LP26B Datasheet HTML 3Page - Agere Systems OR3LP26B Datasheet HTML 4Page - Agere Systems OR3LP26B Datasheet HTML 5Page - Agere Systems OR3LP26B Datasheet HTML 6Page - Agere Systems OR3LP26B Datasheet HTML 7Page - Agere Systems OR3LP26B Datasheet HTML 8Page - Agere Systems OR3LP26B Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 184 page
background image
Table of Contents (continued)
Contents
Page
Contents
Page
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
4
Lucent Technologies Inc.
Table 13. Dual-Port FIFO Packing/Unpacking, Case 1,
PCI Side ...................................................................... 33
Table 14. Dual-Port FIFO Packing/Unpacking, Case 1,
FPGA Side .................................................................. 33
Table 15. Dual-Port FIFO Packing/Unpacking, Case 2,
PCI Side ....................................................................... 33
Table 16. Dual-Port FIFO Packing/Unpacking, Case 2,
FPGA Side .................................................................. 34
Table 17. Index to State Sequence Tables ..................... 35
Table 18. Dual-Port Master Write .................................. 41
Table 19. Dual-Port Master Read, 64-Bit Address
Supplied ....................................................................... 48
Table 20. Dual-Port Master Read, 32-Bit Address
Supplied ...................................................................... 48
Table 21. Dual-Port Target Write ................................... 57
Table 22. Dual-Port Target Read ................................... 69
Table 23. Embedded Core/FPGA Interface Signals ....... 70
Table 24. OR3LP26B FPGA/PCI Core Interface Signal
Locations...................................................................... 76
Table 25. Bit Definitions on FPGA/PCI Core Interface ... 79
Table 26. Address Cycle Sequences for Various
Operations ................................................................... 82
Table 27. PCI Core Options Settable via FPGA
Configuration RAM Bits ................................................ 83
Table 28. Quad-Port FIFO Packing/Unpacking, Case 1,
PCI Side ....................................................................... 84
Table 29. Dual-Port FIFO Packing/Unpacking, Case 1,
FPGA Side .................................................................. 84
Table 30. Quad-Port FIFO Packing/Unpacking, Case 1,
PCI Side ...................................................................... 85
Table 31. Quad-Port FIFO Packing/Unpacking,
Case 1, FPGA Side...................................................... 85
Table 32. Quad-Port FIFO Packing/Unpacking, Case 2,
PCI Side ....................................................................... 85
Table 33. Quad-Port FIFO Packing/Unpacking, Case 1,
FPGA Side ................................................................... 85
Table 34. Holding Registers, Examples of Typical
Operation ..................................................................... 86
Table 35. Index to State Sequence Tables ..................... 87
Table 36. Quad-Port Master Write ................................. 93
Table 37. Quad-Port Master Read, Duplicate Burst
Length and 16-Bit Address........................................... 100
Table 38. Quad-Port Master Read, Specified Burst
Length and 64-Bit Address .......................................... 100
Table 39. Quad-Port Target Write .................................. 109
Table 40. Quad-Port Target Read................................... 122
Table 41. Configuration Space Layout............................ 123
Table 42. Configuration Space Assignment ................... 124
Table 43. Configuration Frame Format and Contents .... 131
Table 44. Configuration Frame Size ............................... 132
Table 45. Configuration Modes....................................... 132
Table 46. Absolute Maximum Ratings ............................ 133
Table 47. Recommended Operating Conditions............. 134
Table 48. Electrical Characteristics ................................ 135
Table 49. Derating for Commercial Devices
(I/O Supply VDD) ......................................................... 136
Table 50. .........................................................................Der-
ating for Commercial Devices (I/O Supply VDD2) ........136
Table 51. ExpressCLK (ECLK) and Fast Clock (fclk)
TimingCharacteristics ...................................................137
Table 52. General-Purpose Clock Timing
Characteristics (Internally Generated Clock) ................138
Table 53. OR3LP26B ExpressCLK to Output
Delay (Pin-to-Pin) .........................................................138
Table 54. OR3LP26B Fast Clock (fclk) to Output
Delay (Pin-to-Pin) .........................................................139
Table 55. OR3LP26B General System Clock (SCLK)
to Output Delay (Pin-to-Pin)..........................................140
Table 56. OR3LP26B Input to ExpressCLK (ECLK)
Fast-Capture Setup/Hold Time (Pin-to-Pin) ..................141
Table 57. OR3LP26B Input to Fast Clock
Setup/Hold Time (Pin-to-Pin)........................................142
Table 58. OR3LP26B Input to General System
Clock (SCLK) Setup/Hold Time (Pin-to-Pin) .................143
Table 59. OR3LP26B PCI and FPGA Interface Clock
Operation Frequencies .................................................143
Table 60. OR3LP26B FPGA to PCI, and PCI to FPGA,
Combinatorial Path Delays ...........................................144
Table 61. OR3LP26B FPGA Side Interface
Combinatorial Path Delay Signals ................................144
Table 62. OR3LP26B Interbuf Delays .............................145
Table 63. OR3LP26B FPGA Side Interface Clock to
Output Delays, pciclk Synchronous Signals .................145
Table 64. OR3LP26B FPGA Side Interface Clock to
Output Delays, fclk Synchronous Signals .....................146
Table 65. OR3LP26B FPGA Side Interface Input
Setup Delays, pciclk Synchronous Signals...................147
Table 66. OR3LP26B FPGA Side Interface Input
Setup Delays, fclk Synchronous Signals ......................147
Table 67. PCI Core Internal Power Dissapation .............150
Table 68. FPGA Common-Function Pin Descriptions.....151
Table 69. ORCA OR3LP26B I/Os Summary ..................154
Table 70. Pinout Information ..........................................155
Table 71. ORCA OR3LP26B Plastic Package Thermal
Guidelines.....................................................................178
Table 72. Package Coplanarity .......................................179
Table 73. Package Parasitics ..........................................180
Table 74. Voltage Options ...............................................184
Table 75. Package Options .............................................184
Table 76. ORCA Series 3+ Package Matrix ....................184
Table 77. Embedded Core Type......................................184
Table 78. FPSC Base Array ............................................184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More