Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OR3LP26B Fiches technique(PDF) 39 Page - Agere Systems

No de pièce OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AGERE [Agere Systems]
Site Internet  
Logo AGERE - Agere Systems

OR3LP26B Fiches technique(HTML) 39 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 35Page - Agere Systems OR3LP26B Datasheet HTML 36Page - Agere Systems OR3LP26B Datasheet HTML 37Page - Agere Systems OR3LP26B Datasheet HTML 38Page - Agere Systems OR3LP26B Datasheet HTML 39Page - Agere Systems OR3LP26B Datasheet HTML 40Page - Agere Systems OR3LP26B Datasheet HTML 41Page - Agere Systems OR3LP26B Datasheet HTML 42Page - Agere Systems OR3LP26B Datasheet HTML 43Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 184 page
background image
Lucent Technologies Inc.
39
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual Port (continued)
5-8847(F).a
Figure 3. Master Write Single (PCI Bus, 64-Bit)
T0
T1
T2
T3
T4
ADRS
DATA
CMD
BEs
clk
framen
ad
c_ben
irdyn
devseln
trdyn
stopn
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More