Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OR3LP26B Fiches technique(PDF) 48 Page - Agere Systems

No de pièce OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AGERE [Agere Systems]
Site Internet  
Logo AGERE - Agere Systems

OR3LP26B Fiches technique(HTML) 48 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 44Page - Agere Systems OR3LP26B Datasheet HTML 45Page - Agere Systems OR3LP26B Datasheet HTML 46Page - Agere Systems OR3LP26B Datasheet HTML 47Page - Agere Systems OR3LP26B Datasheet HTML 48Page - Agere Systems OR3LP26B Datasheet HTML 49Page - Agere Systems OR3LP26B Datasheet HTML 50Page - Agere Systems OR3LP26B Datasheet HTML 51Page - Agere Systems OR3LP26B Datasheet HTML 52Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
48
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual Port (continued)
Table 19. Dual-Port Master Read, 64-Bit Address Supplied
* mrlastcycn is 0 during the last Quadword transferred.
Table 20. Dual-Port Master Read, 32-Bit Address Supplied
* mrlastcycn is 0 during the last Quadword transferred.
mstatecntr
Next State
of
mstatecntr
Description
Bus
maenn
mwlastcycn
mrlastcycn
mrdataenn
0
0
Idle
—
1
1
1
1
0
1
BE[7:0], Burst
Length
datafmfpgax[7:0]
datafmfpga[63:0]
01
1
1
1
4
Address[63:0]
datafmfpga[63:0]
0
0
1
1
4
4 or 0
Data[63:0]
datatofpga[63:0]
1
1
0*
0
mstatecntr
Next State
of
mstatecntr
Description
Bus
maenn
mwlastcycn
mrlastcycn
mrdataenn
0
0
Idle
—
1
1
1
1
0
4
BE[7:0], Burst
Length,
Address[31:0]
datafmfpgax[7:0]
datafmfpga[63:0]
00
1
1
4
4 or 0
Data[63:0]
datatofpga[63:0]
1
1
0*
0