Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OR3LP26B Fiches technique(PDF) 82 Page - Agere Systems

No de pièce OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AGERE [Agere Systems]
Site Internet  
Logo AGERE - Agere Systems

OR3LP26B Fiches technique(HTML) 82 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 78Page - Agere Systems OR3LP26B Datasheet HTML 79Page - Agere Systems OR3LP26B Datasheet HTML 80Page - Agere Systems OR3LP26B Datasheet HTML 81Page - Agere Systems OR3LP26B Datasheet HTML 82Page - Agere Systems OR3LP26B Datasheet HTML 83Page - Agere Systems OR3LP26B Datasheet HTML 84Page - Agere Systems OR3LP26B Datasheet HTML 85Page - Agere Systems OR3LP26B Datasheet HTML 86Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
82
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Table 26. Address Cycle Sequences for Various Operations
Operation
Address
Mode
Supplied
Address
New Burst
Length
Address Cycle
Sequence
(Once Only)
Data Cycle
Sequence
(Repeats)
Master Write
SA/DA
31:0
NA
A
CD
DA
63:0
NA
A, B
CD
Master Read
SA/DA
15:0
No
E
I, J
SA/DA
(none)
Yes
F
I, J
SA/DA
31:0
Yes
F, G
I, J
DA
63:0
Yes
F, G, H
I, J
Target Write
SA/DA
31:0
NA
K
M, N
DA
63:0
NA
K, L
M, N
Target Read
SA/DA
31:0
NA
K
O, P
DA
63:0
NA
K, L
O, P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More