Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OR3LP26B Fiches technique(PDF) 104 Page - Agere Systems

No de pièce OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AGERE [Agere Systems]
Site Internet  
Logo AGERE - Agere Systems

OR3LP26B Fiches technique(HTML) 104 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 100Page - Agere Systems OR3LP26B Datasheet HTML 101Page - Agere Systems OR3LP26B Datasheet HTML 102Page - Agere Systems OR3LP26B Datasheet HTML 103Page - Agere Systems OR3LP26B Datasheet HTML 104Page - Agere Systems OR3LP26B Datasheet HTML 105Page - Agere Systems OR3LP26B Datasheet HTML 106Page - Agere Systems OR3LP26B Datasheet HTML 107Page - Agere Systems OR3LP26B Datasheet HTML 108Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
104
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Target Write to Configuration Space Transaction
Figure 33 shows the timing on the PCI interface for a Target write to configuration space. Accesses of configuration
space occur without any involvement of the FPGA interface. All configuration space accesses are disconnected
with data on the first data word and are thus restricted from bursting. Address decode speed is medium, and the
PCI core signals that it is ready to receive the data by asserting trdyn one cycle after devseln is asserted.
5-8851(F).a
Figure 33. Target Configuration Write (PCI Bus, 64-Bit)
T0
T1
T2
T3
T4
T5
T6
X
ADDRESS
DATA
X
X
CMD
BYTE ENABLES
X
X
X
clk
framen
ad
c_ben
idsel
irdyn
devseln
trdyn
stopn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More