Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1340 Fiches technique(PDF) 188 Page - STMicroelectronics

No de pièce SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Fiches technique(HTML) 188 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 184Page - STMicroelectronics SPEAR1340 Datasheet HTML 185Page - STMicroelectronics SPEAR1340 Datasheet HTML 186Page - STMicroelectronics SPEAR1340 Datasheet HTML 187Page - STMicroelectronics SPEAR1340 Datasheet HTML 188Page - STMicroelectronics SPEAR1340 Datasheet HTML 189Page - STMicroelectronics SPEAR1340 Datasheet HTML 190Page - STMicroelectronics SPEAR1340 Datasheet HTML 191Page - STMicroelectronics SPEAR1340 Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 200 page
background image
Timing characteristics
SPEAr1340
188/200
Doc ID 023063 Rev 4
5.17
VIP timing characteristics
This section describes the timing characteristics of the video input parallel block.
The timing characterization is performed assuming an input transition of 2 ns on all the
inputs and using VIP_PIXCLK as source of the clock for the timings extraction.
Figure 50.
VIP timing waveform
Table 105.
VIP timing characteristics
Symbol
Description
Min
Max
Unit
TCLK
VIP_PIXCLK clock period
6.5
–
ns
TCLKhigh VIP_PIXCLK pulse high
2.9
–
ns
TCLKlow
VIP_PIXCLK pulse low
2.9
–
ns
Ts
Setup time for VIP data
6
ns
Th
Hold time for VIP data
-0.71
ns
Th
VIP_PIXCLK
(input)
VIP_R[0..15], VIP_G[0..15],
VIP_B[0..15], VIP_VSYNC,
VIP_DE
TCLKhigh
TCLKlow
Ts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More