Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1340 Fiches technique(PDF) 183 Page - STMicroelectronics

No de pièce SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Fiches technique(HTML) 183 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 179Page - STMicroelectronics SPEAR1340 Datasheet HTML 180Page - STMicroelectronics SPEAR1340 Datasheet HTML 181Page - STMicroelectronics SPEAR1340 Datasheet HTML 182Page - STMicroelectronics SPEAR1340 Datasheet HTML 183Page - STMicroelectronics SPEAR1340 Datasheet HTML 184Page - STMicroelectronics SPEAR1340 Datasheet HTML 185Page - STMicroelectronics SPEAR1340 Datasheet HTML 186Page - STMicroelectronics SPEAR1340 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 200 page
background image
SPEAr1340
Timing characteristics
Doc ID 023063 Rev 4
183/200
Figure 44.
SPI master mode external timing waveform (SPH= 0, SPO =1 )
Figure 45.
SPI master mode external timing waveform (SPH = 1, SPO = 0)
Table 97.
SPI master mode timing characteristics (bit SPH = 0, SPO=1)
Symbol
Parameters
Min
Max
Unit
TSU
Setup time, MISO (input) valid before
SSP_SCK (output) falling edge
17.8
ns
TH
Hold time, MISO (input) valid after SSP_SCK
(output) falling edge
0
TD1
Delay time, SSP_SS#n (output) falling edge to
first SSP_SCK (output) falling edge
TSSP_SCK-8
TSSP_SCK-2
ns
TD2
Delay time, SSP_SCK (output) rising edge to
MOSI (output) transition
-3.8
12.5
ns
TD3
Delay time, SSP_SCK (output) falling edge to
SSP_SS#n (output) rising edge
TSSP_SCK + 2 TSSP_SCK +8
DATA
MSB IN
LSB IN
LSB OUT
DATA
MSB OUT
SSP_SS#n
SSP_SCK
(SPO=1)
SSP_MISO
(input)
SSP_MOSI
(output)
T
SU
T
D1
T
H
T
D3
T
D2
DATA
MSB IN
LSB IN
LSB OUT
DATA
MSB OUT
SSP_SS#n
SSP_SCK
(SPO=0)
SSP_MISO
(input)
SSP_MOSI
(output)
T
SU
T
H
T
D2
T
D3
T
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More