| Moteur de recherche de fiches techniques de composants électroniques |
|
SPEAR1340 Fiches technique(PDF) 140 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR1340 Fiches technique(HTML) 140 Page - STMicroelectronics |
|
140 / 200 page ![]() Electrical characteristics SPEAr1340 140/200 Doc ID 023063 Rev 4 AC characteristics Table 47 and Table 48 show the AC input and output characteristics for 3V3/2V5/1V8 I/O buffers. Table 47. 3V3/2V5/1V8 I/O AC input characteristics Max frequency Max load Comment 1V8 I/O operation 200 MHz 1 pF This load is placed at ZI. (see Figure 9 below) 2V5/3V3 I/O operation 200 MHz 1 pF This load is placed at ZI. Table 48. 3V3/2V5/1V8 I/O AC output characteristics Drive Fast slew Nominal slew Frequency (MHz) Load (pF) Frequency (MHz) Load (pF) 1V8 I/O operation 4 mA 20 20 8 20 40 6 16 6 6 mA 30 20 12 20 60 6 24 6 8 mA 40 20 16 20 80 6 32 6 10 mA 50 20 20 20 100 6 40 6 2V5/3V3 I/O operation 4 mA 30 20 12 20 60 6 24 6 6 mA 45 20 18 20 90 6 36 6 8 mA 60 20 24 20 120 6 48 6 10 mA 70 20 28 20 140 6 56 6 |