Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1340 Fiches technique(PDF) 127 Page - STMicroelectronics

No de pièce SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Fiches technique(HTML) 127 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 123Page - STMicroelectronics SPEAR1340 Datasheet HTML 124Page - STMicroelectronics SPEAR1340 Datasheet HTML 125Page - STMicroelectronics SPEAR1340 Datasheet HTML 126Page - STMicroelectronics SPEAR1340 Datasheet HTML 127Page - STMicroelectronics SPEAR1340 Datasheet HTML 128Page - STMicroelectronics SPEAR1340 Datasheet HTML 129Page - STMicroelectronics SPEAR1340 Datasheet HTML 130Page - STMicroelectronics SPEAR1340 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 200 page
background image
SPEAr1340
Pin description
Doc ID 023063 Rev 4
127/200
XGPIO164
General purpose IO
IO
B28
XGPIO165
IO
A28
XGPIO166
IO
D27
XGPIO167
IO
C27
XGPIO168
IO
B27
XGPIO169
OK28
XGPIO170
IO
A27
XGPIO171
IO
A26
XGPIO172
IO
B26
XGPIO173
IO
C26
XGPIO174
IO
D26
XGPIO175
IO
A25
XGPIO176
IO
B25
XGPIO177
IO
C25
XGPIO178
IO
D25
XGPIO179
IO
A24
XGPIO180
IO
B24
XGPIO181
IO
C24
XGPIO182
IO
D24
XGPIO183
IO
E24
XGPIO184
IO
A23
XGPIO185
IO
B23
XGPIO186
IO
C23
XGPIO187
IO
D23
XGPIO188
IO
E23
XGPIO189
IO
A22
XGPIO190
IO
B22
XGPIO191
IO
C22
XGPIO192
IO
D22
XGPIO193
IO
E22
XGPIO194
IO
A21
XGPIO195
IO
B21
XGPIO196
IO
C21
XGPIO197
IO
D21
XGPIO198
IO
E21
Table 36.
XGPIO signals description (continued)
Signal name
Description
Type
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More