| Moteur de recherche de fiches techniques de composants électroniques |
|
SPEAR1340 Fiches technique(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR1340 Fiches technique(HTML) 120 Page - STMicroelectronics |
|
120 / 200 page ![]() Pin description SPEAr1340 120/200 Doc ID 023063 Rev 4 3.5.8 Timers 3.5.9 Miscellaneous CAM4_PIXCLK Pixel clock from CAM4 panel IAH20 CAM4_VSYNC CAM4 vertical sync pulse IAD18 CAM4_HSYNC CAM4 horizontal sync pulse I AD19 Table 30. Video - CAM signals description (continued) Signal name Description Type Ball Table 31. GPT signals description Signal name Description Type Ball GPT0 GPT0_TMR_CPT1 Asynchronous signal provided for the measurement of timing signals in Timer 1 IAF19 GPT0_TMR_CLK1 This clock toggles each time the Timer 1 interrupt goes active. O AF18 GPT0_TMR_CPT2 Asynchronous signal provided for the measurement of timing signals in Timer 2 IAG17 GPT0_TMR_CLK2 This clock toggles each time the Timer 2 interrupt goes active. O AG19 GPT1 GPT1_TMR_CPT1 Asynchronous signal provided for the measurement of timing signals in Timer 1 I AE17 GPT1_TMR_CLK1 This clock toggles each time the Timer 1 interrupt goes active. O AH17 GPT1_TMR_CPT2 Asynchronous signal provided for the measurement of timing signals in Timer 2 IAF17 GPT1_TMR_CLK2 This clock toggles each time the Timer 2 interrupt goes active. O AG18 Table 32. Miscellaneous - ADC signals description Signal name Description Type Ball AIN0 Analog inputs #(0..7) IA4 AIN1 IB4 AIN2 IC3 AIN3 IA3 AIN4 IA2 AIN5 IB2 AIN6 IB3 AIN7 IC2 TOUCH_XY_SEL Touchscreen select O AA28 |