| Moteur de recherche de fiches techniques de composants électroniques |
|
DLD Fiches technique(PDF) 64 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLD Fiches technique(HTML) 64 Page - ITT Industries |
|
64 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 63 Notes: Contact hole cavity identification shown is typical as viewed from top surface of P.C. board. All plug layout dimensions not shown are similar to the receptacle dimensions. Plated through (THRU) hole diameters shown are for 0,64 (.025) post contacts. PC/RC contact plated through (THRU) hole diameters are 0,79-0,64 (.031-.025). For PCB pad layout configuration, see page 64. DLM6 Printed Circuit Board Hole Patterns DLM6-360 4 1 3 5 10 2 6 7 8 9 11 12 C L SYMM C L SYMM A B C D E F G H J K L M N P R Ø 9,52 (.375) MIN THRU HOLE S T U V W X Y Z a b c d e f g 115,01 (4.528) 27.94 (1.100) A B C D E F G H J K L M N P R 2,54 (.100) C L SYMM C L SYMM 2,54 (.100) 3 11 EQUAL SPACES @ CENTERS = TOTAL NON-ACCUMULATIVE 1,09-0,94 (.043-.037) B 14 EQUAL SPACES @ CENTERS = TOTAL NON-ACCUMULATIVE 3 1 6 5 24 35,56 (1.400) 14 EQUAL SPACES @ CENTERS = TOTAL NON-ACCUMULATIVE A 3,43-3,18 (.135-.125) 4X Ø Ø 0,25 (.010) A B THRU HOLE 10 9 8 12 11 7 2,54 (.100) S T U V W X Y Z a b c d e f g 360X Ø PLATED THRU HOLE Ø 0,13 (.005) A B 1 18,54 (.730) 29,01 (1.142) 35,56 (1.400) ZIF Connectors DLM Receptacle Plug |