Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLD Fiches technique(PDF) 29 Page - ITT Industries

No de pièce DLD
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DLD Fiches technique(HTML) 29 Page - ITT Industries

Back Button DLD Datasheet HTML 25Page - ITT Industries DLD Datasheet HTML 26Page - ITT Industries DLD Datasheet HTML 27Page - ITT Industries DLD Datasheet HTML 28Page - ITT Industries DLD Datasheet HTML 29Page - ITT Industries DLD Datasheet HTML 30Page - ITT Industries DLD Datasheet HTML 31Page - ITT Industries DLD Datasheet HTML 32Page - ITT Industries DLD Datasheet HTML 33Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
28
ZIF Connectors
DL3
DL3 — Plastic Body — 60 Pin Connectors — Crimp Contacts
Plug
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
110900-0008
DL3-60P
Receptacle
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Part Number
Nomenclature
086-0032-000
DL3-60R
11,89 (.468)
57,91 (2.280)
50,55 (1.992)
4X Ø 3,03 (.119)
65,80 (2.592)
24,90 (.981)
7,92 (.312)
6,35
(.250)
39,19
(1.543)
23,10
(.910)
CAMSHAFT
TURNING DIRECTION
49,02 (1.931)
11,89 (.468)
57,91 (2.280)
50,50 (1.988)
65,80 (2.592)
24,90 (.981)
4X Ø 3,03 (.119)
7,75 (.305)
6,35 (.250)
20,32 (.800)
19,18 (.755)
49,02 (1.931)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76