| Moteur de recherche de fiches techniques de composants électroniques |
|
DLD Fiches technique(PDF) 32 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLD Fiches technique(HTML) 32 Page - ITT Industries |
|
32 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 31 ZIF Connectors DLM3 DLM3 — Metal Body — 60 Pin Connectors — Square Post Contacts Plug For contact cavity arrangement, see page 68. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 62. Front Removable 0,64 (.025) Square Posts 2,54 (.100) Centers. Order actuating handle kit separately, see page 47. Part Number Nomenclature A 112138-0001 DLM3-60PW4A 15,37 (.605) 112138-0000 DLM3-60PW6A 7,11 (.280) 112138-0002 DLM112138-2 3,18 (.125) Receptacle For contact cavity arrangement, see page 68. For panel cutout and mounting hole pattern, see page 65. For PC hole pattern, see page 62. Front Removable 0,64 (.025) Square Posts 2,54 (.100) Centers. Part Number Nomenclature A 112139-0001 DLM3-60RW4B 15,37 (.605) 112139-0000 DLM3-60RW6B 7,11 (.280) 112139-0002 DLM112139-2 3,18 (.125) 2X Ø 2,30 (.091) 50,55 (1.992) 65,80 (2.592) 24,90 (.981) 4X Ø 3,20 (.126) 11,89 (.468) 57,91 (2.280) 7,92 (.312) 6,35 (.250) 74,75 (2.945) 34,20 (1.347) 27,75 (1.093) 0,64 (.025) A CAMSHAFT TURNING DIRECTION 4 SPACES @ 2,54 (.100) = 10,16 (.400) 4 SPACES @ 2,54 (.100) = 10,16 (.400) 49,02 (1.931) 5 SPACES @ 2,54 (.100) = 12,70 (.500) 19,94 (.785) 2X Ø 2,30 (.091) 50,55 (1.992) 65,80 (2.592) 24,90 (.981) 11,89 (.468) 4X Ø 3,20 (.126) 57,91 (2.280) 7,75 (.305) 6,35 (.250) 25,20 (.992) 0,64 (.025) A 4 SPACES @ 2,54 (.100) = 10,16 (.400) 4 SPACES @ 2,54 (.100) = 10,16 (.400) 49,02 (1.931) 5 SPACES @ 2,54 (.100) = 12,70 (.500) 19,94 (.785) |