Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLD Fiches technique(PDF) 23 Page - ITT Industries

No de pièce DLD
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DLD Fiches technique(HTML) 23 Page - ITT Industries

Back Button DLD Datasheet HTML 19Page - ITT Industries DLD Datasheet HTML 20Page - ITT Industries DLD Datasheet HTML 21Page - ITT Industries DLD Datasheet HTML 22Page - ITT Industries DLD Datasheet HTML 23Page - ITT Industries DLD Datasheet HTML 24Page - ITT Industries DLD Datasheet HTML 25Page - ITT Industries DLD Datasheet HTML 26Page - ITT Industries DLD Datasheet HTML 27Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
22
ZIF Connectors
DL2
DL2 — Plastic Body — 96 Pin Connectors — Square Post Contacts
Plug
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 61.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Order actuating handle kit separately, see
page 47.
Part Number
Nomenclature
A
110777-0008
DL2-96PW4
15,37 (.605)
110777-0022
DL2-96PW4A
15,37 (.605)
110777-0025
DL2-96PW6A
7,11 (.280)
Receptacle
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 61.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Part Number
Nomenclature
A
110855-0008
DL2-96RW4
15,37 (.605)
110855-0013
DL2-96RW4B
15,37 (.605)
110855-0014
DL2-96RW6B
7,11 (.280)
19,38 (.763)
57,91 (2.280)
65,80 (2.592)
50,60 (1.994)
4X Ø 3,03 (.119)
28,12 (1.108)
7,92 (.312)
0,64 (.025)
A
6,35
(.250)
27,75
(1.093)
34,54
(1.360)
CAMSHAFT
TURNING DIRECTION
7 SPACES @ 2,54 (.100)
= 17,78 (.700)
6 SPACES @ 2,54 (.100)
= 15,24 (.600)
6 SPACES @ 2,54 (.100)
= 15,24 (.600)
50,60 (1.994)
24,05 (.947)
19,38 (.763)
57,91 (2.280)
65,80 (2.592)
50,60 (1.994)
4X Ø 3,03 (.119)
28,12 (1.108)
7,75 (.305)
0,64 (.025)
A
6,35 (.250)
24,97 (.983)
6 SPACES @ 2,54 (.100)
= 15,24 (.600)
6 SPACES @ 2,54 (.100)
= 15,24 (.600)
7 SPACES @ 2,54 (.100)
= 17,78 (.700)
24,05 (.947)
50,60 (1.994)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76