Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLD Fiches technique(PDF) 36 Page - ITT Industries

No de pièce DLD
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DLD Fiches technique(HTML) 36 Page - ITT Industries

Back Button DLD Datasheet HTML 32Page - ITT Industries DLD Datasheet HTML 33Page - ITT Industries DLD Datasheet HTML 34Page - ITT Industries DLD Datasheet HTML 35Page - ITT Industries DLD Datasheet HTML 36Page - ITT Industries DLD Datasheet HTML 37Page - ITT Industries DLD Datasheet HTML 38Page - ITT Industries DLD Datasheet HTML 39Page - ITT Industries DLD Datasheet HTML 40Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
35
ZIF Connectors
DL5
DL5 — Plastic Body — 260 Pin Connectors — Crimp Contacts
Plug
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
111986-0014
DL5-260P
Receptacle
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Part Number
Nomenclature
086-4501-000
DL5-260R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76