Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLD Fiches technique(PDF) 30 Page - ITT Industries

No de pièce DLD
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DLD Fiches technique(HTML) 30 Page - ITT Industries

Back Button DLD Datasheet HTML 26Page - ITT Industries DLD Datasheet HTML 27Page - ITT Industries DLD Datasheet HTML 28Page - ITT Industries DLD Datasheet HTML 29Page - ITT Industries DLD Datasheet HTML 30Page - ITT Industries DLD Datasheet HTML 31Page - ITT Industries DLD Datasheet HTML 32Page - ITT Industries DLD Datasheet HTML 33Page - ITT Industries DLD Datasheet HTML 34Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
29
ZIF Connectors
DL3
DL3 — Plastic Body — 60 Pin Connectors — Square Post Contacts
Plug
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 62.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
A
110900-0006
DL3-60PW4
15,37 (.605)
110900-0013
DL3-60PW4A
15,37 (.605)
110900-0014
DL3-60PW6A
7,11 (.280)
Receptacle
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 62.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Part Number
Nomenclature
A
110901-0004
DL3-60RW4
15,37 (.605)
110901-0009
DL3-60RW4B
15,37 (.605)
110901-0010
DL3-60RW6B
7,11 (.280)
11,89 (.468)
57,91 (2.280)
50,55 (1.992)
4X Ø 3,03
(.119)
65,80 (2.592)
24,90 (.981)
7,92 (.312)
6,35
(.250)
0,64 (.025)
A
27,75
(1.093)
34,54
(1.360)
CAMSHAFT
TURNING DIRECTION
4 SPACES @ 2,54 (.100)
= 10,16 (.400)
4 SPACES @ 2,54 (.100)
= 10,16 (.400)
5 SPACES @ 2,54 (.100)
= 12,70 (.500)
49,02 (1.931)
19,94 (.785)
24,90 (.981)
11,89 (.468)
57,91 (2.280)
50,50 (1.988)
4X Ø 3,03 (.119)
65,80 (2.592)
0,64 (.025)
A
24,97 (.983)
7,75 (.305)
6,35 (.250)
4 SPACES @ 2,54 (.100)
= 10,16 (.400)
4 SPACES @ 2,54 (.100)
= 10,16 (.400)
5 SPACES @ 2,54 (.100)
= 12,70 (.500)
19,94 (.785)
49,02 (1.931)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76