Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLD Fiches technique(PDF) 42 Page - ITT Industries

No de pièce DLD
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DLD Fiches technique(HTML) 42 Page - ITT Industries

Back Button DLD Datasheet HTML 38Page - ITT Industries DLD Datasheet HTML 39Page - ITT Industries DLD Datasheet HTML 40Page - ITT Industries DLD Datasheet HTML 41Page - ITT Industries DLD Datasheet HTML 42Page - ITT Industries DLD Datasheet HTML 43Page - ITT Industries DLD Datasheet HTML 44Page - ITT Industries DLD Datasheet HTML 45Page - ITT Industries DLD Datasheet HTML 46Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
41
ZIF Connectors
DLM6
DLM6 — Metal Body — 360 Pin Connectors — Square Post Contacts
Plug
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 63.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
A
111995-0001
DLM6-360PW4A
15,37 (.605)
111995-0000
DLM6-360PW6A
7,11 (.280)
111995-0007
DLM111995-7
3,18 (.125)
Receptacle
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 63.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Part Number
Nomenclature
A
111996-0000
DLM6-360RW4B
15,37 (.605)
111996-0001
DLM6-360RW6B
7,11 (.280)
111996-0005
DLM111996-5
3,18 (.125)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76